Electronic Components Datasheet Search
  English  ▼

X  

ST7577 Datasheet(PDF) 36 Page - Sitronix Technology Co., Ltd.

Part # ST7577
Description  132 x 39 Dot Matrix LCD Controller/Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7577 Datasheet(HTML) 36 Page - Sitronix Technology Co., Ltd.

Back Button ST7577 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
ST7577
Ver 1.0a
36/48
2008/02/14
13. HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling MOS devices (see
“Handling MOS devices”).
14. DC CHARACTERISTICS
Unless otherwise specified, VDD = 2.4V to 3.3V; VSS = 0V; Tamb = -30°C to +85°C.
Rating
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Applicable
Pin
Operation Voltage (1)
VDD
2.4
—
3.4
V
Operating Voltage (2)
VDD2
2.4
—
3.4
V
V0-XV0
Vop
3.0
—
9.0
V
V0, XV0
Internal VG Output
VGO
1.28
VDD2
VGO
High-level Input Voltage
VIHC
0.7 x VDD
—
VDD
V
Low-level Input Voltage
VILC
VSS
—
0.3 x VDD
V
High-level Output Voltage
VOHC
IOUT=-500uA; VDD=2.4V
0.8 x VDD
—
VDD
V
Low-level Output Voltage
VOLC
IOUT=500uA; VDD=2.4V
VSS
—
0.2 x VDD
V
Input leakage current
ILI
-1.0
—
1.0
μA
Output leakage current
ILO
-3.0
—
3.0
μA
V0 = 6.0 V
—
0.8
—
COMn
Liquid Crystal Driver ON
Resistance
RON
Ta = 25
°C
∆V=10%
VG = 2.4 V
—
0.8
—
K
Ω
SEGn
Frame Rate
FR
FR[2:0]=011b
65.7
73
80.3
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com