Electronic Components Datasheet Search
  English  ▼

X  

ST7577 Datasheet(PDF) 16 Page - Sitronix Technology Co., Ltd.

Part # ST7577
Description  132 x 39 Dot Matrix LCD Controller/Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7577 Datasheet(HTML) 16 Page - Sitronix Technology Co., Ltd.

Back Button ST7577 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
ST7577
Ver 1.0a
16/48
2008/02/14
START LINE ADDRESS CIRCUIT
This circuit assigns DDRAM a line address that is scanned first at the beginning of each frame. By setting Start Line
Address repeatedly, the display pattern looks like scrolling vertically in the screen without changing the contents of DDRAM
(refer to Figure 11). When setting the Start Line Address (with
“Set Start Line” instruction), the data of the same specified
line address in DDRAM are transferred to the Display Data Latch Circuit at the beginning of each frame.
ADDRESSING
ST7577 will automatically increases the address when sequential access. This feature allows MPU to access the display
data in DDRAM continuously without setting the address before each access.
In horizontal addressing mode, the X address is automatically increased by 1 after each byte access (refer to Figure 8).
After the last X address (X=131), X address wraps around to 0 and Y address increases to the next page. After the very last
address (X=131, Y=4), the address pointers wrap around to the original address (X=0, Y=0).
In vertical addressing mode, the Y address is automatically increased by 1 after each byte access (refer to Figure 9). After
the last Y address (Y=4), Y address wraps around to 0 and X address increases to the next column. After the very last
address (X=131, Y=4), the address pointers wrap around to the original address (X=0, Y=0).
Figure 8
Addressing Mode: Horizontal (V=0)
Figure 9
Addressing Mode: Vertical (V=1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com