Electronic Components Datasheet Search
  English  ▼

X  

ST7577 Datasheet(PDF) 11 Page - Sitronix Technology Co., Ltd.

Part # ST7577
Description  132 x 39 Dot Matrix LCD Controller/Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7577 Datasheet(HTML) 11 Page - Sitronix Technology Co., Ltd.

Back Button ST7577 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
ST7577
Ver 1.0a
11/48
2008/02/14
CONFIGURATION PIN
MLB
I
Data format (MSB on top or LSB on top).
MLB=
”H”, MSB on top (D7 on top);
MLB=
”L”, LSB on top (D0 on top).
1
DTY
I
Duty selection pin. Please refer to Page11 for detail output Map.
DTY=
”L”, 1/39 duty;
DTY=
”H”, 1/12 duty.
1
PM
I
Set power mode. This pin will change the V0 (Vop) formula parameter.
V0=( a + VOP[6:0] x b )
PM=
”L”, a=3.0V, b=0.03V;
PM=
”H”, a=4.5V, b=0.03V.
1
MODE
I
Select MPU interface Port-A (left side) or Port-B (right side).
MODE=
”L”, use Port-A (Port-B should be floating).
MODE=
”H”, use Port-B (Port-A should be floating).
1
TEST PIN
T0~T9
Test
T0~T8 left them open.
T9 must connect to VDD.
10
l
ST7577 has 2 sets of interface port (Port-A & Port-B). These two ports can be selected by
“MODE” pin.
Port-A and Port-B are identical (CSB, A0, /RW, /RD, D7~D0) except RESB pin.
l
The unused pins should be left floating.
l
The Microprocessor Interface pins should not be left floating under any operation mode.
Recommend I/O pins ITO Resistance Limitation
Pin Name
ITO Resistance
VRS, T[8:0]
Floating
VSS
<100Ω
VDD
<100Ω
VDD2
<100Ω
V0 (V0I + V0O + V0S), XV0 (XV0I + XV0O + XV0S), VG (VGI + VGO + VGS), VM
<500Ω
CSB, A0, /RD, /WR, D[7:0]
<1KΩ
PS[2:0], OSC
*1, MLB, DTY, MODE, T9
<5KΩ
RESB
<10KΩ
Notes:
1.
If using internal clock, OSC is connect to VDD and the limitation of ITO resistance will be “No Limitation”.
If using external clock, the ITO resistance of OSC should be kept lower than 500
Ω to keep the clock signal quality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com