Electronic Components Datasheet Search
  English  ▼

X  

ST7577 Datasheet(PDF) 19 Page - Sitronix Technology Co., Ltd.

Part # ST7577
Description  132 x 39 Dot Matrix LCD Controller/Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7577 Datasheet(HTML) 19 Page - Sitronix Technology Co., Ltd.

Back Button ST7577 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
ST7577
Ver 1.0a
19/48
2008/02/14
LCD DRIVER CIRCUIT
ST7577 built-in LCD driver circuit has 132-channel segment drivers and 39-channel common drivers. The LCD panel
driving voltage depends on the combination of display data and M signal (frame indicator).
Figure 12 External Power Parts
The referential external component values are listed below (it is determined by the worse condition of 1.4
” panel).
C1=0.1uF~1uF (Non-Polar/6V, default 1uF)
Customer applications are not necessary the same as the values listed above. The value can be determined by customer
’s
LCD module (panel loading and ITO resistance) and application (VDD, V0, bias and etc.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com