Electronic Components Datasheet Search
  English  ▼

X  

ST7577 Datasheet(PDF) 8 Page - Sitronix Technology Co., Ltd.

Part # ST7577
Description  132 x 39 Dot Matrix LCD Controller/Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7577 Datasheet(HTML) 8 Page - Sitronix Technology Co., Ltd.

Back Button ST7577 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
ST7577
Ver 1.0a
8/48
2008/02/14
6. PIN DESCRIPTION
Pin Name
I/O
Description
Pin
Count
LCD DRIVER OUTPUTS
SEG0
…SEG131
O
LCD segment driver outputs.
This display data and the M signal control the output voltage of segment
driver.
Segment drover output voltage
Display data
Frame
Normal display
Reverse display
H
+
VG
VSS
H
-
VSS
VG
L
+
VSS
VG
L
-
VG
VSS
Power save mode
VSS
VSS
132
COM0
…COM38
O
LCD column driver outputs.
This internal scanning data and M signal control the output voltage of
common driver.
Common drover output voltage
Display data
Frame
Normal display
Reverse display
H
+
XV0
H
-
V0
L
+
VM
L
-
VM
Power save mode
VSS
39
MICROPROCESSOR INTERFACE
PS0
…PS2
I
Microprocessor interface select input pin.
PS2
PS1
PS0
State
“L”
“L”
“L”
4 Pin-SPI MPU interface
“H”
“L”
“L”
3 Pin-SPI MPU interface
“L”
“H”
“L”
8080-series parallel MPU interface
“H”
“H”
“L”
6800-series parallel MPU interface
3
CSB_A
(for Port-A)
CSB_B
(for Port-B)
I
Chip select input pins.
Data/instruction I/O is enabled only when CSB is
“L”. When chip select is
non-active, D0 to D7 is high impedance.
* MODE pin will select one of two CSB pins. The unused one should be
left floating.
1*
1*
RESB
I
Reset input pin.
When RESB is
“L”, initialization is executed.
1
A0_A
(for Port-A)
A0_B
(for Port-B)
I
It determines whether the data bits are data or a command.
A0=
“H”: Indicates that D0 to D7 are display data.
A0=
“L”: Indicates that D0 to D7 are control data.
When in 3-line SPI interface, left it connected to VDD.
* MODE pin will select one of two A0 pins. The unused one should be left
floating.
1*
1*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com