Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 540 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 540 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 536Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 537Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 538Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 539Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 540Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 541Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 542Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 543Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 544Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 540 / 976 page
background image
PIT Features
MAC7200 Microcontroller Family Reference Manual, Rev. 2
462
Freescale Semiconductor
Figure 26-1. Block diagram of PIT
26.2
PIT Features
•
Memory Map: 32-bit peripheral, byte/halfword/word addressable
•
Independent timeout period for each timer.
•
Four 32-bit general purpose PIT timers, configurable to generate DMA trigger pulses.
•
Four 32-bit PITs to generate DMA trigger pulse.
•
Two 32-bit timers that can be configured to generate ATD trigger pulses.
•
One 24-bit real-time interrupt (RTI) timer.
•
RTI operates from oscillator output clock.
•
Can be completely turned off
•
Timeout sets register flag and optional interrupt
•
Selectable divider (from Oscillator Clock) from 210 to 16x216
The PIT is used primarily for 4 things:
RTI
Timer 10
Timer 1
.
.
.
PIT
Registers
Peripheral
interrupts
timeout
load_value
Peripheral
PIT
.
.
.
triggers
Independent
RTI Oscillator
Bus
Clock
Bus Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com