Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 543 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 543 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 539Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 540Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 541Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 542Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 543Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 544Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 545Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 546Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 547Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 543 / 976 page
background image
Memory Map and Register Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
465
26.8.1
Memory Map
Figure 26-4 gives an overview on all PIT_RTI registers. The first timer (timer 0) is the RTI timer.
Table 26-4. PIT_RTI Memory Map
Address
Offset
Use
Access
0x00
PIT RTI Load Value Register
R/W
0x04
PIT Timer Load Value Register 1
R/W
0x08
PIT Timer Load Value Register 2
R/W
0x0C
PIT Timer Load Value Register 3
R/W
0x10
PIT Timer Load Value Register 4
R/W
0x14
PIT Timer Load Value Register 5
R/W
0x18
PIT Timer Load Value Register 6
R/W
0x1C
PIT Timer Load Value Register 7
R/W
0x20
PIT Timer Load Value Register 8
R/W
0x24
PIT Timer Load Value Register 9
R/W
0x28
PIT Timer Load Value Register 10
R/W
0x32–0x7F
Reserved
0x80
PIT Current RTI Value
R
0x84
PIT Current Timer Value 1
R
0x88
PIT Current Timer Value 2
R
0x8C
PIT Current Timer Value 3
R
0x90
PIT Current Timer Value 4
R
0x94
PIT Current Timer Value 5
R
0x98
PIT Current Timer Value 6
R
0x9C
PIT Current Timer Value 7
R
0xA0
PIT Current Timer Value 8
R
0xA4
PIT Current Timer Value 9
R
0xA8
PIT Current Timer Value 10
R
0xAC–0x9F
Reserved
0x100
PIT Interrupt Flags Register
R/W
0x104
PIT Interrupt Enable Register
R/W
0x108
PIT Interrupt/DMA Select Register
R/W
0x10C
PIT Timer Enable Register
R/W
0x110
PIT Control Register
R/W
0x114–0x1FC
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com