Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 546 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 546 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 542Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 543Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 544Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 545Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 546Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 547Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 548Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 549Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 550Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 546 / 976 page
background image
Memory Map and Register Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
468
Freescale Semiconductor
26.8.2.2
PIT Current RTI / Timer Values (TVAL0–10)
These registers indicate the current timer position. In the case of the RTI, this will show a value which is
several cycles old, since it originates from a potentially different clock domain.
Address Offset: 0x04–0x2B
Access: User read/write
31
30
29
28
27
26
25
24
R
TSV31
TSV30
TSV29
TSV28
TSV27
TSV26
TSV25
TSV24
W
Reset
000
0000
0
23
22
21
20
19
18
17
16
R
TSV23
TSV22
TSV21
TSV20
TSV19
TSV18
TSV17
TSV16
W
Reset
000
0000
0
15
14
13
12
11
10
9
8
R
TSV15
TSV14
TSV13
TSV12
TSV11
TSV10
TSV9
TSV8
W
Reset
000
0000
0
76
5432
10
R
TSV7
TSV6
TSV5
TSV4
TSV3
TSV2
TSV1
TSV0
W
Reset
000
0000
0
Figure 26-3. PIT Timer Load Value Registers (TLVAL1–10)
Table 26-6. TLVAL1–10 Field Descriptions
Field
Description
31–0
TSVn
Time Start Value Bits. These bits set the timer start value. The timer will count down until it reaches 0,
then it will generate an interrupt and load this register value again. Writing a new value to this register will
not restart the timer, instead the value will be loaded once the timer expires. To abort the current cycle
and start a timer period with the new value, the timer must be disabled and enabled again (see
Figure 26-9).
NOTE: For the RTI, the timer should not be set to a value lower than 32 cycles, otherwise interrupts may
be lost, as it takes several cycles to clear the RTI interrupt. For the other timers, this limit does not apply,
however there will be practical limits, since the processor will require several cycles to service an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com