Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 549 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 549 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 545Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 546Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 547Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 548Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 549Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 550Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 551Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 552Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 553Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 549 / 976 page
background image
Memory Map and Register Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
471
26.8.2.4
PIT Interrupt Enable Register (PITINTEN)
This register enables PIT interrupts.
Address Offset:
0x100
Access: User read/write (write to clear)
31
30
29
28
27
26
25
24
R
00000000
W
Reset
00000000
23
22
21
20
19
18
17
16
R
00000000
W
Reset
00000000
15
14
13
12
11
10
9
8
R
00000000
W
Reset
00000000
765
43210
R
000
TIF4
TIF3
TIF2
TIF1
RTIF
W
Reset
00000000
Figure 26-6. APIT Interrupt Flags Register (PITFLG)
Table 26-9. PITFLG Field Desciptions
Field
Description
31–5
Reserved, should be cleared.
4–1
TIFn
Real Time Interrupt Flags for Timer 1–4. TIFn is set to 1 at the end of the timer period. This flag can be
cleared only by writing a 1. Writing a 0 has no effect. If enabled (TIEx = 1 and ISELx = 1), TIFn causes
an interrupt request.
0 Time-out has not yet occurred
1 Time-out has occurred
0
RTIF
Real Time Interrupt Flag. RTIF is set to 1 at the end of the RTI period. This flag can be cleared only by
writing a 1. Writing a 0 has no effect. If enabled (RTIE = 1), RTIF causes an interrupt request.
0 RTI time-out has not yet occurred
1 RTI time-out has occurred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com