Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 553 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 553 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 549Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 550Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 551Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 552Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 553Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 554Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 555Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 556Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 557Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 553 / 976 page
background image
Memory Map and Register Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
475
Address Offset: 0x110
Access: User read/write
31
30
29
28
27
26
25
24
R
000000
DOZE
MDIS
W
Reset
00000001
23
22
21
20
19
18
17
16
R
00000000
W
Reset
00000000
15
14
13
12
11
10
9
8
R
00000000
W
Reset
00000000
765
43210
R
00000000
W
Reset
00000000
Figure 26-10. PIT Control Registers (PITCTRL)
Table 26-13. PITCTRL Field Descriptions
Field
Description
31–26
Reserved, should be cleared.
25
DOZE
Disable Module in Doze Mode. This is used to disable timers 1–10 in Doze Mode, the RTI (timer 0) is not
affected by this bit.
0 Clock for Timers 1–10 stays active in Doze Mode (default)
1 Clock for Timers 1–10 is turned off in Doze Mode
24
MDIS
Module Disable. This is used to disable timers 1–10. The RTI (timer 0) is not affected by this bit. The
module should be enabled before any setup is done.
0 Clock for Timers 1–10 is enabled
1 Clock for Timers 1–10 is disabled (default)
23–0
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com