Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 554 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 554 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 550Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 551Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 552Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 553Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 554Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 555Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 556Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 557Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 558Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 554 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
476
Freescale Semiconductor
26.9
Functional Description
26.9.1
General
This section gives detailed information on the internal operation of the module. The PIT block has 11
timers: one RTI timer especially to wakeup the processor and 10 additional timers for general-purpose use
(e.g. DMA triggering, ATD triggering).
26.9.1.1
Timer / RTI
The timers generate triggers at periodic intervals, when enabled. They load their start values, as specified
in their TLVAL registers, then count down until they reach 0. This creates a trigger then they load their
respective start value again. Each time a timer reachers 0, it will generate a trigger pulse, and set the
interrupt flag.
All interrupts can be enabled or masked (by setting the TIE/RTIE bits in the PITINTEN register and
selecting interrupts in the PITINTSEL register). A new interrupt can be generated only after the previous
one is cleared. Since in the case of the RTI, clearing the interrupt crosses clock domains, a minimum load
value of 32 should be maintained.
If desired, the current counter value of the timer can be read via the TVAL registers. The value of the RTI
counter can be delayed considerably, as it is synchronized to the bus clock from the RTI clock domain.
The counter period can be restarted, by first disabling, then enabling the timer with the PITEN registers
(see Figure 26-11).
The counter period of a running timer can be modified, by first disabling the timer, setting a new load value
and then enabling the timer again (see Figure 26-12).
It is also possible to change the counter period without restarting the timer by writing the TLVAL register
with the new load value. This value will then be loaded after the next trigger event (see Figure 26-13).
Figure 26-11. Stopping and Starting a Timer
Figure 26-12. Modifying Running Timer Period
p1
p1
Timer Enabled
Disable
Timer
p1
Start Value = p1
Trigger
Event
p1
Re-Enable
Timer
p1
Timer Enabled
Disable
Timer,
Start Value = p1
Trigger
Event
Re-Enable
Timer
p1
Set new
Start Value
p2
p2
p2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com