Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 552 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 552 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 548Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 549Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 550Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 551Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 552Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 553Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 554Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 555Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 556Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 552 / 976 page
background image
Memory Map and Register Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
474
Freescale Semiconductor
26.8.2.7
PIT Control Register (PITCTRL)
This register controls whether the clock for the timers 1-10 is enabled. The RTI timer (timer 0) runs on a
separate clock which is controlled by the CRG.
Address Offset: 0x10C
Access: User read/write
31
30
29
28
27
26
25
24
R
00000
000
W
Reset
00000
000
23
22
21
20
19
18
17
16
R
00000
000
W
Reset
00000
000
15
14
13
12
11
10
9
8
R
00000
PEN10
PEN9
PEN8
W
Reset
00000
000
7
6543210
R
PEN7
PEN6
PEN5
PEN4
PEN3
PEN2
PEN1
PEN0
W
Reset
00000
000
Figure 26-9. PIT Timer Enable Register (PITEN)
Table 26-12. PITEN Field Descriptions
Field
Description
31–11
Reserved, should be cleared.
10–0
PENn
Timer Enable Bit.
0 Timer will be disabled
1 Timer will be active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com