Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 539 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 539 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 535Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 536Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 537Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 538Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 539Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 540Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 541Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 542Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 543Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 539 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
461
Chapter 26
Periodic Interrupt Timer (PIT_RTI)
26.1
Introduction
This section describes the function of the Periodic Interrupt Timer block (PIT_RTI) on the MAC7200. The
PIT is an array of timers that can be used to raise interrupts and trigger DMA channels. It also provides a
dedicated Real Time Interrupt Timer (RTI), which runs on a separate clock and can be used for system
wakeup.
26.1.1
Overview
The Periodic Interrupt Timer provides ten programmable 32-bit timers offering a range of functions plus
one programmable 24-bit Real Timer Interrupt (RTI). Once reaching zero, a trigger can be generated and
the counter is reloaded with the start value and continues to be decremented. If required, the value of each
of the timers down count can be read by software at any time.
The PIT has one Real Time Interrupt (RTI), four general purpose timers, four dedicated timers used to
trigger DMA transfers and two timers used to trigger ATD conversions.
PIT 0 is used to provide the RTI and can generate an interrupt which may also be inhibited. The four
general purpose timers, PIT 1 to PIT4 can be used to generate interrupts or to trigger DMA channels 4 to
7. PIT 5 to PIT 8 are used to trigger DMA channels 0 to 3. PIT 9 and 10 are used for the ATD triggers
SYSTRIG0 and SYSTRIG1 respectively. Note that PIT4 and the RTI share the same interrupt vector.
Therefore, to use just the RTI as an interrupt, you must disable the interrupt for PIT4. Conversely, to use
just PIT4 as an interrupt source, you must disable the interrupt for the RTI.
All of the PITs take their clock from the system clock frequency FSYS with the exception of the RTI which
uses the oscillator clock as its source. This allows the RTI to continue operating while in low power modes.
The PIT module can be independently disabled by writing to the MDIS bit in the modules PITCTRL
register. Disabling the module will turn off all clocks to the module with the exception of the RTI clock.
This will disable PIT 1 to 10, but will allow the RTI to continue operating and for most of the module
registers to remain accessible by the core across the peripheral bus. The MDIS bit is intended to be used
when the module is not required in the application. By default the PIT is disabled after reset (MDIS=1),
so, prior to use, the MDIS bit must be cleared. Alternatively, each timer may be independently disabled.
26.1.2
Block Diagram
Figure 26-1 shows the PIT block diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com