Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 536 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 536 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 532Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 533Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 534Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 535Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 536Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 537Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 538Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 539Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 540Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 536 / 976 page
background image
Initialization/Application Information
MAC7200 Microcontroller Family Reference Manual, Rev. 2
458
Freescale Semiconductor
may be useful for debug purposes. Bits [15:5] of the STATUS register are reserved for future use, and a
read from these bits may return any value. Therefore, it is necessary to mask out these bits when reading
from this register (refer to Section 25.5.3, “Using the STATUS register).
The MEMCONFIG register is a 16-bit read-only register that reflects the configuration of the various
memories on the SoC. The PAC7202 device, for example, has the following memories:
•
256 Kb Instruction Flash
•
8 Kb Data Flash
•
16 Kb SRAM
With the above memories, we would have the following MEMCONFIG register valid (assuming all
memories are visible in the memory map):
•
MEMCONFIG[4:1] = DFLASHSIZE = 0x4 (4 Kb)
•
MEMCONFIG[9:6] = IFLASHSIZE = 0xB (256 Kb)
•
MEMCONFIG[14:11] = SRAMSIZE = 0x6 (16 Kb)
25.5
Initialization/Application Information
25.5.1
Enabling the SSM
It is not necessary to enable the SSM before it can be used.
25.5.2
Reset
The reset state of each individual bit is shown within the Register Description section (see Section 25.3.1,
“Register Descriptions).
25.5.3
Using the STATUS register
Bits [15:5] of the STATUS register are reserved for future use; therefore you should mask these bits out
when reading this register, as shown in the following code example:
In File registers.h:
#define SSM_BASE_ADDRESS
0xFC008000/* Example only ! */
/* Following example assumes short is 16-bits */
volatile unsigned short *STATUS = (volatile unsigned short *)
(SSM_BASE_ADDRESS+0x0002);
In File main.c:
#include "registers.h"
:
:
unsigned char dma_active;
unsigned char dma_channel;
/* Do single read of STATUS register to "capture" state */
dma_channel = (unsigned char) *STATUS & 0x001f;
dma_active
= dma_channel >> 4;
dma_channel = dma_channel & 0x0f;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com