Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 533 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 533 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 529Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 530Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 531Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 532Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 533Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 534Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 535Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 536Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 537Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 533 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
455
25.3.1.4
Error Configuration
The Error Configuration register is a read-write register that controls the error handling of the system.
Table 25-8. DEBUGPORT Allowed Register Accesses
8-bit
16-bit
32-bit1
1. All 32-bit accesses must be aligned to 32-bit addresses (i.e. 0x0, 0x4, 0x8 or 0xC).
READ
Allowed
Allowed
Not Allowed
WRITE
Allowed
Allowed
Not Allowed
Address Refer to Table 25-1
Access: Refer to
Table 25-10
15
14
13
12
11
10
9876543210
R
00000000000000
W rsvd
rsvd
rsvd
rsvd
rsvd
rsvd
rsvd
rsvd
rsvd
rsvd
rsvd
rsvd
rsvd
rsvd
RESET:
000000000000000
0
= Writes have no effect on this bit
rsvd
= Reserved for future use
Figure 25-5. Error Configuration (ERROR) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com