Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 531 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 531 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 527Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 528Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 529Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 530Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 531Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 532Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 533Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 534Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 535Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 531 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
453
25.3.1.3
Debug Status Port Register
The Debug Status Port register is used to (optionally) select Port F as a debug status port.
Table 25-4. MEMCONFIG Field Descriptions
Field
Description
15–11
SRAM
SIZE
SRAM Size. This field identifies the size of the on-chip SRAM memory.
0x00–0x03 No SRAM
0x04
4 Kb
0x05
8 Kb
0x06
16 Kb
0x07
32 Kb
0x10–0x13 No SRAM
0x14
2 Kb
0x15
6 Kb
0x16
12 Kb
0x17
20 Kb
10–8
IFLASH
SIZE
Instruction Flash Size. This field identifies the size of the on-chip Instruction (Program) Flash memory.
0x00–0x0F No Instruction Flash
0x10
64 Kb
0x11
96 Kb
0x12
128 Kb
0x13
192 Kb
0x14
256 Kb
0x15
384 Kb
0x16
512 Kb
0x17
768 Kb
0x18
1024 Kb
5
IFLASH
VALID
Instruction Flash Valid. This bit identifies whether or not the on-chip Instruction Flash is visible in the system memory
map.
1 Instruction Flash is visible
0 Instruction Flash is not visible
4–1
DFLASH
SIZE
Data Flash Size. This field identifies the size of the on-chip Data Flash memory.
0x0–0x3
No Data Flash
0x4
4 Kb
0x5
8 Kb
0x6
16 Kb
0x7
32 Kb
0x9–0xF
No Data Flash
0
DFLASH
VALID
Data Flash Valid. This bit identifies whether or not the on-chip Data Flash is visible in the system memory map
1 Data Flash is visible
0 Data Flash is not visible
Table 25-5. MEMCONFIG Allowed Register Accesses
8-bit
16-bit
32-bit
READ
Allowed
Allowed
Allowed
(slso reads DEBUGPORT)
WRITE
Not Allowed
Not Allowed
Not Allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com