Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 529 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 529 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 525Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 526Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 527Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 528Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 529Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 530Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 531Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 532Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 533Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 529 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
451
Address Refer to Table 25-1
Access: Refer to Table 25-2
15
14
13
12
11
10
9876543210
R
000
NEXUS
000
SEC
MODE
DMAACTCH
W rsvd
rsvd
rsvd
RESET:
00000000
0/1
0/1
0/1
0000
0
= Writes have no effect on this bit
rsvd
= Reserved for future use
Figure 25-2. Status (STATUS) Register
Table 25-2. STATUS Allowed Register Accesses
8-bit
16-bit
32-bit1
1. All 32-bit accesses must be aligned to 32-bit addresses (i.e. 0x0, 0x4, 0x8 or 0xC).
READ
Allowed
Allowed
Not Allowed
WRITE
Not Allowed
Not Allowed
Not Allowed
Table 25-3. STATUS Field Descriptions
Field
Description
12–11
NEXUS
Nexus Status. This field reflects the current status of the Nexus Port.
00 No Nexus hardware attached
01 No Nexus hardware attached
10 Nexus hardware attached to Nexus Primary Port
11 Nexus hardware attached to Nexus Secondary Port
7
SEC
Security Status. This bit reflects the current security state of the Flash.
1 The Flash is secured
0 The Flash is not secured
6–5
MODE
Device Mode. This field reflects the current mode of the device, and is only valid when the TEST pin is driven low.
00 Single Chip
01 Reserved
10 Primary Bootloader
11 Single Chip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com