Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 527 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 527 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 523Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 524Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 525Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 526Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 527Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 528Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 529Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 530Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 531Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 527 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
449
Chapter 25
System Service Module (SSM_MAC7202)
25.1
Introduction
The System Services Module (SSM) provides a global location for system level configuration and status
information.
25.1.1
Overview
The System Service Module (SSM), pictured in Figure 25-1, provides system level configuration registers.
Figure 25-1. System Service Module Block Diagram
25.1.2
Features
The SSM includes these distinctive features:
•
System Configuration and Status
— Memory sizes/status
— Device Mode and Security Status
— DMA Status
•
Software reset
•
Debug Status Port enable and selection
•
Bus abort masking
25.1.3
Modes of Operation
The SSM operates identically in all system modes.
Registers
Peripheral
Interface
System Service Module
Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com