Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 525 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 525 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 521Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 522Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 523Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 524Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 525Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 526Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 527Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 528Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 529Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 525 / 976 page
background image
Initialization/Application Information
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
447
24.5
Initialization/Application Information
If the oscillator is used in External Clock mode, the XTAL pin should be grounded.
24.6
OSC Bus Aborts
There is no bus interface for the oscillator. All oscillator control registers reside in the CRG module.
24.7
OSC Differences from MAC71xx
•
No Reduced Oscillator Amplitude (ROA) mode
•
EXTAL and XTAL changed from 2.5V to 3.3V signals
•
Colpitts mode removed
•
Frequency range for loop controlled Pierce mode changed
•
Frequency range for external clock mode changed
24.8
OSC Application Usage
24.8.1
OSC Mode Selection
The oscillator mode is chosen by the value of the XCLKS hardware configuration pin at reset, as follows:
NOTE
Unlike the rest of the hardware configuration pins, the XCLKS pin is not
latched during every system reset. It is only latched during a Power On
Reset or during a reset after a loss of clock has occurred.
24.8.2
OSC Mode - ALC Mode (XCLKS = 1)
In this mode, the Oscillator reference clock is fed by the oscillator. Refer to Figure 24-4.
Table 24-2. Oscillator Modes
XCLKS
Mode
0
External Clock Mode. In this mode, the EXTAL pin drives the Oscillator
reference clock directly.
1
ALC Mode. In this mode, the EXTAL signal is inverted and fed back out
to the crystal (via XTAL). The Oscillator reference clock is driven by the
oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com