Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 521 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 521 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 517Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 518Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 519Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 520Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 521Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 522Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 523Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 524Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 525Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 521 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
443
Chapter 24
Oscillator (OSC)
24.1
Introduction
The MAC7200 family of devices features an internal Automatic Level Control (ALC) oscillator. The
oscillator is designed for optimal startup margin with typical crystal oscillators. Selection of the oscillator
type is performed at Reset based on the value of the XCLKS pin.
After a Power on Reset (POR) or a system reset, the quality of the oscillation is checked by in the Clock
and Reset Generator (CRG) using the Clock Quality Checker before the oscillator is connected to the
internal system clocks. In the event that a stable oscillator output is not detected within a predefined time,
the MCU will be switched to its internal self clock mode.
Oscillator power is supplied from its own 3.3V PLL supply voltage generated by the Voltage Regulator in
order to minimize noise. The Oscillator continues to run in Doze mode.
A square wave input can be supplied to the device through the oscillator by connecting the external clock
source to the EXTAL pin with the Oscillator operating in External Clock mode.
Consult Chapter 23, “Clock and Reset Generator (CRG) for more information about the operation of reset
and clocks.
NOTE
The oscillators on the MAC71xx and MAC72xx are different designs. You
should characterize your oscillator design if you switch between the two
devices.
24.1.1
Features
The OSC_ALC_HIP7A contains the following features:
•
Low RF emissions with peak to peak swing limited dynamically.
•
Transconductance (gm) sized for optimum start-up margin for typical oscillators.
•
Integrated resistor eliminates the need for external bias resistor.
•
Low power consumption:
— Operates from 3.3 V (nominal) supply
— Amplitude control limits power
•
Oscillator reference output (fosc - ALC mode)
•
External clock input (fosc - External Clock mode)
•
Clock monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com