Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 519 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 519 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 515Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 516Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 517Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 518Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 519Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 520Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 521Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 522Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 523Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 519 / 976 page
background image
CRG Application Usage
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
441
— Removed the FSTWKP, PRE and PWE bits from the PLLCTL register
— Removed the STOP bit from the SDMCTL register
•
Renamed the SCME bit in the PLLCTL register to CMRD (no functionality change)
•
Removed the DOZE_ROA bit from the CLKSEL register (The oscillator does not support this
feature)
•
Changed the latching of the oscillator mode (XCLKS)
— The oscillator mode (XCLKS) is latched only during a power-on reset and during a reset while
a loss of clock has occurred. It is no longer latched during a normal system reset.
•
XFC changed from 2.5V to 3.3V signal
•
Changed max PLL frequency from 40MHz to 70MHz. Minimum VCO lock changed to 30MHz
•
PLL Loop filter calculations in the documentation may be revised slightly
23.7
CRG Application Usage
23.7.1
Enabling the CRG and PLL
It is not necessary to enable the CRG before it can be used.
Note that the PLL is bypassed when the device comes out of reset. It is the responsibility of the boot code
to configure and enable the PLL. This should be done as early in the boot process as possible (after the
PLL has locked) in order to minimize the time required for boot.
23.7.2
Crystal Monitor
The MAC72xx provides an on-chip Crystal Monitor that detects a loss of Oscillator Clock. If no OSCCLK
edges are detected within a certain time, referred to as the Crystal Monitor Timeout, the Crystal Monitor
within the oscillator block generates a Crystal Monitor fail event. Depending on the state of the CMRD
bit in the PLLCTL register and the SCMIE bit in the CRGINT register, one of several events can occur
when the Crystal Monitor detects a loss of Oscillator Clock.
•
The CRG generates a Crystal Monitor Reset, which causes a System Reset. The CMR reset status
bit in the CTFLG register is set, and after the reset sequence has completed, may be read to
determine that a Crystal Monitor Reset has occurred. (CMRD = 0)
•
The system enters Self Clock Mode, the CRG raises an SCM interrupt, and the SCMIF and SCM
bits in the CRGFLG register are set. (CMRD = 1, SCMIE = 1)
•
The system enters Self Clock Mode and the SCMIF and SCM bits in the CRGFLG register are
set.(CMRD = 1, SCMIE = 0)
If the CME bit in the PLLCTL register is cleared, then the Crystal Monitor is disabled, and the loss of
Oscillator Clock becomes essentially undetectable in software. For this reason, it is highly recommended
to enable this functionality. Note that the terms “Crystal Monitor” and “Clock Monitor” are used
interchangeably in the MAC72xx documentation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com