Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 523 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 523 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 519Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 520Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 521Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 522Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 523Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 524Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 525Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 526Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 527Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 523 / 976 page
background image
External Signal Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
445
24.2.1
VDDPLL, VSSPLL
These pins provides operating voltage (VDDPLL) and ground (VSSPLL) for the OSC_ALC_HIP7A
circuitry. This allows the supply voltage to the OSC_ALC_HIP7A to be independently bypassed.
24.2.2
EXTAL, XTAL
These pins provide the interface for either a crystal or a CMOS compatible clock to control the internal
clock generator circuitry. EXTAL is the external clock input or the input to the crystal oscillator amplifier.
XTAL is the output of the crystal oscillator amplifier. The MCU internal system clock is derived from the
EXTAL input frequency.
NOTE
Freescale recommends an evaluation of the application board and chosen
resonator or crystal by the resonator or crystal supplier.
NOTE
Loop controlled circuit is not suited for overtone resonators and crystals.
Figure 24-2. ALC Oscillator Connections (XCLKS=1)
Figure 24-3. External Clock Connections (XCLKS=0)
24.2.3
XCLKS (eXternal CLocK Select)
The XCLKS is an active low input signal which controls whether a crystal in combination with the internal
loop controlled oscillator is used or whether external clock circuitry is used. The XCLKS signal is sampled
during reset with the rising edge of RESET. Table 24-1 lists the state coding of the sampled XCLKS signal.
MCU
EXTAL
XTAL
VSSPLL
Crystal or
ceramic resonator
C2
C1
MCU
EXTAL
XTAL
CMOS-COMPATIBLE
EXTERNAL OSCILLATOR
(VDDPLL-Level)
VSSPLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com