Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 528 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 528 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 524Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 525Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 526Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 527Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 528Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 529Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 530Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 531Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 532Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 528 / 976 page
background image
External Signal Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
450
Freescale Semiconductor
25.2
External Signal Description
There are no SSM signals that drive or are driven from MCU pins.
25.3
Memory Map/Register Definition
This section provides a detailed description of all memory-mapped registers in the SSM.
Table 25-1 shows the memory map for the SSM. Note that all addresses are offsets; the absolute address
may be calculated by adding the specified offset to the base address of the SSM.
All registers are accessible via 8-bit, 16-bit or 32-bit accesses. However, 16-bit accesses must be aligned
to 16-bit boundaries, and 32-bit accesses must be aligned to 32-bit boundaries. As an example, the
STATUS register is accessible by a 16-bit READ/WRITE to address ’Base + 0x0002’, but performing a
16-bit access to ’Base + 0x0003’ is illegal.
25.3.1
Register Descriptions
The following memory-mapped registers are available in the SSM. Those bits that are shaded out are
read-only, meaning that writes to that bit will have no effect. Those bits that are shaded out and marked
rsvd are reserved for future use. To optimize future compatibility, these bits should be masked out during
any read/write operations to avoid conflict with future implementations.
25.3.1.1
System Status Register
The System Status register is a read-only register that reflects the current state of the system.
Table 25-1. Module Memory Map
Address
Register
Size
Access
Mode1
1. U = User Mode, S = Supervisor Mode, A = All (No restrictions)
Base + 0x0000
Reserved
16 bits
Reads/Writes have no effect.
A
Base + 0x0002
System Status (STATUS)
16 bits
R
A
Base + 0x0004
System Memory Configuration (MEMCONFIG)
16 bits
R
A
Base + 0x0006
Debug Status Port (DEBUGPORT)
16 bits
R/W
A
Base + 0x0008
Error Configuration (ERROR)
16 bits
R/W
A
Base + 0x000A
Reserved
16 bits
Reads/Writes have no effect.
A
Base + 0x000C
System Reset (SYSRESET)
16 bits
R/W
A
Base + 0x000E
Reserved
16 bits
Reads/Writes have no effect.
A
Base + 0x0010
to
Base + 0x3FFF
Reserved
See Note 2
2. If enabled at the SoC level, accessing these register addresses will cause bus aborts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com