Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 532 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 532 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 528Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 529Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 530Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 531Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 532Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 533Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 534Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 535Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 536Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 532 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
454
Freescale Semiconductor
Address Refer to Table 25-1
Access: Refer to Table 25-8
15
14
13
12
11
10
9876543210
R
0000000000000
DEBUG_MODE
W
RESET:
000000000000000
0
= Reserved for future use
Figure 25-4. Debug Status Port (DEBUGPORT) Register
Table 25-6. DEBUGPORT Field Descriptions
Field
Description
2–0
DEBUG_
MODE
Debug Status Port Mode. This field selects the alternate debug functionality for Port F
000 No alternate functionality selected
001 Mode 1 Selected
010 Mode 2 Selected
011 Mode 3 Selected
100 Mode 4 Selected
101 Mode 5 Selected
110 Mode 6 Selected
111 Mode 7 Selected
Table 25-7 describes the functionality of the Debug Status Port in each mode.
Table 25-7. Debug Status Port Modes
Pin1
1. All signals are active high, unless otherwise noted.
Mode 1
Mode 2
Mode 3
Mode 4
Mode 5
Mode 6
Mode 7
PF0
JTAG Lockout
Recovery started
Reserved
STATUS[0]
STATUS[8]
MEMCONFIG[0]
MEMCONFIG[8]
Reserved
PF1
JTAG Lockout
Recovery with
PTIMER load
started
Reserved
STATUS[1]
STATUS[9]
MEMCONFIG[1]
MEMCONFIG[9]
Reserved
PF2
JTAG Lockout
Recovery running
Reserved
STATUS[2]
STATUS[10]
MEMCONFIG[2]
MEMCONFIG[10]
Unused (low)
PF3 System has entered
DOZE mode
Reserved
STATUS[3]
STATUS[11]
MEMCONFIG[3]
MEMCONFIG[11]
Unused (low)
PF4 System has entered
DEBUG mode
Reserved
STATUS[4]
STATUS[12]
MEMCONFIG[4]
MEMCONFIG[12]
Reserved
PF9
Core is held (not
running)
Reserved
STATUS[5]
STATUS[13]
MEMCONFIG[5]
MEMCONFIG[13]
Reserved
PF6
Unused (low)
Unused (low)
STATUS[6]
STATUS[14]
MEMCONFIG[6]
MEMCONFIG[14]
Unused (low)
PF7
Unused (low)
Unused (low)
STATUS[7]
STATUS[15]
MEMCONFIG[7]
MEMCONFIG[15]
Unused (low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com