Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 534 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 534 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 530Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 531Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 532Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 533Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 534Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 535Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 536Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 537Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 538Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 534 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
456
Freescale Semiconductor
25.3.1.5
System Reset Register
The System Reset register provides a hardware interlocked method of resetting the system via software.
Table 25-9. ERROR Field Descriptions
Field
Description
1
PER_
ABORT
Peripheral Bus Abort Enable. This bit enables bus aborts on any access to a peripheral slot that is not used on the
device. This feature is intended to aid in debugging when developing application code.
1 Illegal accesses to non-existing peripherals produce a Prefetch or Data Abort exception
0 Illegal accesses to non-existing peripherals do not produce a Prefetch or Data Abort exception; This includes the
following address spaces:
0xFC09 C000 – 0xFC0A BFFF
0xFC0C 0000 – 0xFC0C 3FFF
0xFC0C C000 – 0xFC0D BFFF
0xFC0E 4000 – 0xFC0E 7FFF
0xFC0E C000 – 0xFC0F 0000
0xFC0F 4000 – 0xFFFF FFFF
Note: Accesses to the following address spaces will produce a Prefetch or Data Abort exception, regardless of the
value of the PER_ABORT bit:
0xFC00 C000 – 0xFC03 FFFF
0xFC04 C000 – 0xFC07 FFFF
0
REG_
ABORT
Register Bus Abort Enable. This bit enables bus aborts on illegal accesses to off-platform peripherals. Illegal
accesses are defined as reads or writes to reserved addresses within the address space for a particular peripheral.
This feature is intended to aid in debugging when developing application code.
1 Illegal accesses to peripherals produce a Prefetch or Data Abort exception
0 Illegal accesses to peripherals do not produce a Prefetch or Data Abort exception
This includes the following peripherals:
• SSM
• DMA Channel Mux
• CRG
• PIT_RTI
• VREG_3V3
• FLEXCAN_A/FLEXCAN_B
•IIC
• DSPI_A/DSPI_B
• SCI_A/SCI_B
• eMIOS
•ATD
• CFM (registers)
• PIM
All other modules (DMA, MCM, AEIM, etc.) are not affected by this register, and will produce Prefetch or Data Abort
exceptions for illegal accesses, regardless of the value of the REG_ABORT bit.
Note: Transfers to Peripheral Bus resources may be aborted even before they reach the Peripheral Bus (i.e. at the
AIPS level). In this case, the PER_ABORT and REG_ABORT register bits will have no effect on the abort.
Table 25-10. ERROR Allowed Register Accesses
8-bit
16-bit
32-bit
READ
Allowed
Allowed
Allowed
WRITE
Allowed
Allowed
Allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com