Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 541 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 541 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 537Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 538Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 539Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 540Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 541Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 542Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 543Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 544Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 545Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 541 / 976 page
background image
PIT Implementation
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
463
•
Timer 0 will serve as a Real-Time Interrupt (RTI) that can be used to wakeup the system out of low
power modes. For this reason, it is run off of a separate clock.
•
Timers 1-4 may be used to generate general purpose periodic interrupts
•
Timers 1-8 may be used as DMA triggers
•
Timers 9-10 may be used as on-chip sample triggers for the ATD
26.2.1
Modes of Operation
This subsection describes briefly all operating modes supported by the PIT.
•
Run Mode
All functional parts of the PIT are running during normal Run Mode.
•
Doze Mode
The PIT’s RTI timer can run in Doze mode depending on the settings in the CRG (Clock and Reset
Generator Module).
26.3
PIT Implementation
The PIT on the MAC72xx is an enhanced version of the PIT on the MAC71xx family of devices.
26.4
PIT External Pins
There are no PIT signals that drive or are driven from MCU pins.
26.5
PIT Bus Aborts
The PIT module supports Peripheral Bus bus aborts, and enforces the following memory map:
Table 26-1. PIT Timer Usage
Timer
Interrupt
DMA trigger
(DMA channel)
ATD Trigger
0 (RTI)
X
1X
X (#0)
2X
X (#1)
3X
X (#2)
4X
X (#3)
5X (#4)
6X (#5)
7X (#6)
8X (#7)
9
X (SYSTRIG1)
10
X (SYSTRIG0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com