Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 630 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 630 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 626Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 627Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 628Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 629Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 630Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 631Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 632Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 633Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 634Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 630 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
552
Freescale Semiconductor
The number of clocks from the falling edge of SCL to the first tap (Tap[1]) is defined by the values shown
in the scl2tap column of Table 29-5. All subsequent tap points are separated by 2IBC5-3 as shown in the
tap2tap column in Table 29-5. The SCL Tap is used to generate the SCL period and the SDA Tap is used
to determine the delay from the falling edge of SCL to the change of state of SDA i.e. the SDA hold time.
Figure 29-6. SDA Hold Time
Figure 29-7. SCL Divider and SDA Hold
The equation used to generate the divider values from the IBFD bits is:
SCL Divider = MUL x {2 x (scl2tap + [(SCL_Tap -1) x tap2tap] + 2)}
Eqn. 29-1
110
12
4
111
15
4
Table 29-6. I-Bus Tap and Prescale Values
IBC2-0
SCL Tap
(clocks)
SDA Tap
(clocks)
SCL Divider
SDA Hold
SCL
SDA
SDA
SCL
START condition
STOP condition
SCL Hold(start)
SCL Hold(stop)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com