Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 626 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 626 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 622Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 623Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 624Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 625Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 626Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 627Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 628Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 629Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 630Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 626 / 976 page
background image
I2C Module Implementation
MAC7200 Microcontroller Family Reference Manual, Rev. 2
548
Freescale Semiconductor
•
Memory Map: 32-bit peripheral with 8 register bytes, byte/halfword/word addressable
•
Two wire bi-directional serial bus for on board communications.
•
Multi-master operation.
•
Software-programmable for one of 256 different serial clock frequencies.
•
Software-selectable acknowledge bit.
•
Interrupt-driven byte-by-byte data transfer.
•
Arbitration-lost interrupt with automatic mode switching from master to slave.
•
Calling address identification interrupt.
•
Start and stop signal generation/detection.
•
Repeated START signal generation.
•
Acknowledge bit generation/detection
•
Bus-busy detection.
•
Two DMA request lines to receive and transmit data
Features currently not supported:
•
No support for general call address
•
Not compliant to ten-bit addressing
29.1.4
Modes of Operation
The I2C module operates in all MAC7200 modes.
•
Run Mode
This is the basic mode of operation.
•
Doze Mode
This is a low-power mode that allows the system to turn off the clock depending on the state of an
internal bit. The I2C block will allow this state to be entered only when there are no active transfers
on the bus. Note that a transfer is defined as any active data between valid I2C Start and I2C Stop
conditions.
29.2
I2C Module Implementation
The I2C on the MAC72xx is identical to the I2C (IIC) on the MAC71xx family of devices.
29.3
External Signal Description
The Inter-Integrated Circuit (I2C) module has two external pins, SCL and SDA. Refer to Table 4-1 and
Section 4.3, “Detailed Signal Descriptions” for detailed descriptions of these signals.
29.4
I2C Module Differences from MAC71xx
•
Fixed MUCts01649 (Write on bus abort still writes register)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com