Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 623 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 623 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 619Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 620Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 621Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 622Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 623Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 624Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 625Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 626Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 627Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 623 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
545
Chapter 29
Inter-Integrated Circuit Bus Controller Module (I2C_DMA)
29.1
Introduction
The Inter-Integrated Circuit (I2C™ or IIC) bus is a two-wire bidirectional serial bus that provides a simple
and efficient method of data exchange between devices. It minimizes the number of external connections
to devices and does not require an external address decoder.
This bus is suitable for applications requiring occasional communications over a short distance between a
number of devices. It also provides flexibility, allowing additional devices to be connected to the bus for
further expansion and system development.
The interface is designed to operate up to 100kbps with maximum bus loading and timing. The device is
capable of operating at higher baud rates, up to a maximum of module clock/20, with reduced bus loading.
The maximum communication length and the number of devices that can be connected are limited by a
maximum bus capacitance of 400pF.
The I2C module can be independently disabled by writing to the IBDIS bit in the module’s control register
(IBCR). Disabling the module will turn off the clock to the module, although the module’s registers remain
available to be accessed by the core across the peripheral bus. The IBDIS bit is intended to be used when
the module is not required in the application. Following a Reset operation the IBDIS bit is set, causing the
device to be disabled.
The I2C master on the MAC72xx provides a fast mode (400 kbits/s) interface for two scenarios:
•
Provide a bus interface to external EEPROM. In this scenario, the throughput of the interface will
be very low, typically only to load and store parameters and data at reset, or other special
conditions.
•
Provide a communications channel to off-chip peripherals, such as audio chips or other
radio-related peripherals. In this scenario, the throughput will be much higher, but the exact rate is
unknown.
29.1.1
Block Diagram
The block diagram of the I2C module is shown in Figure 29-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com