Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 625 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 625 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 621Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 622Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 623Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 624Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 625Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 626Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 627Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 628Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 629Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 625 / 976 page
background image
Introduction
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
547
Figure 29-2. I2C Module DMA Interface Block Diagram
At least 3 bytes of data per frame must be transferred from/to the slave when using DMA mode, although
in practice it will only be worthwhile using the DMA mode when there is a large number of data bytes to
transfer per frame.
Two internal signals, TX request and RX request, are used to signal to a DMA controller when the I2C
module requires data to be written or read from the data register.
Further details of the DMA interface can be found in the Initialisation/Application section of this
document.
29.1.3
Features
The I2C module has the following key features:
•
Compatibility with I2C Bus standard.
Input
Sync
In/Out
Data
Shift
Register
Address
Compare
SDA
IRQ
Address
Clock
Control
Start
Stop
Arbitration
Control
CTRL_REG
FREQ_REG ADDR_REG
STATUS_REG
DATA_REG
ADDR_DECODE
DATA_MUX
Data-bus
SCL
DMA request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com