Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 628 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 628 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 624Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 625Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 626Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 627Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 628Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 629Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 630Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 631Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 632Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 628 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
550
Freescale Semiconductor
29.5.2
Register Descriptions
This section consists of register descriptions in address order. Each description includes a standard register
diagram with an associated figure number. Details of register bit and field function follow the register
diagrams, in bit order.
29.5.2.1
I2C Address Register
This register contains the address the I2C Bus will respond to when addressed as a slave; note that it is not
the address sent on the bus during the address transfer.
29.5.2.2
I2C Frequency Divider Register
Always
reads 1
1
Always
reads 0
0
R/W
bit
BIT
Read-
only bit
BIT
Write-
only bit
Write 1
to clear
BIT Self-clear
bit
0
N/A
BIT
w1c
BIT
Figure 29-3. Key to Register Fields
Offset 0x00000
Access: Read/write any time
76
54
321
0
R
ADR
0
W
Reset
000
00
000
Figure 29-4. I2C Bus Address Register (IBAD)
Table 29-2. IBAD Field Descriptions
Field
Description
7–1
ADR
Slave Address. Specific slave address to be used by the I2C Bus module.
Note: The default mode of I2C Bus is slave mode for an address match on the bus.
0
Reserved, should be cleared; will always read 0.
Offset 0x0001
Access: Read/write any time
76
54
321
0
R
IBC
W
Reset
000
00
000
Figure 29-5. I2C Bus Frequency Divider Register (IBFD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com