Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 699 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 699 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 695Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 696Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 697Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 698Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 699Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 700Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 701Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 702Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 703Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 699 / 976 page
background image
Initialization/Application Information
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
621
30.13.5 Calculation of FIFO Pointer Addresses
The user has complete visibility of the TX and RX FIFO contents through the FIFO registers, and valid
entries can be identified through a memory mapped pointer and a memory mapped counter for each FIFO.
The pointer to the first-in entry in each FIFO is memory mapped. For the TX FIFO the first-in pointer is
the Transmit Next Pointer (TXNXTPTR). For the RX FIFO the first-in pointer is the Pop Next Pointer
(POPNXTPTR). Figure 30-25 illustrates the concept of first-in and last-in FIFO entries along with the
FIFO Counter. The TX FIFO is chosen for the illustration, but the concepts carry over to the RX FIFO.
See Section 30.12.3.4, “Transmit First In First Out (TX FIFO) Buffering Mechanism,” and
Section 30.12.3.5, “Receive First In First Out (RX FIFO) Buffering Mechanism,” for details on the FIFO
operation.
Table 30-33. Oak Family QSPI Compatibility with the DSPI
Oak Family Control Bits
DSPI Corresponding Control Bits
Corresponding DSPI_CTAR Register Configuration
BITSE CTAS[2]DT
CTAS[1]
DSCK
CTAS[0]
DSPI_CTARx
FMSZ
PDT
DT
PCSSCK
CSSCK
0
0
0
0
1111
10
0011
00
0000
0
0
1
1
1111
10
0011
user
user
0
1
0
2
1111
user1
1. Selected by user
user
00
0000
0
1
1
3
1111
user
user
user
user
1
0
0
4
user
10
0011
00
0000
1
0
1
5
user
10
0011
user
user
1
1
0
6
user
user
user
00
0000
1
1
1
7
user
user
user
user
user



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com