Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 697 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 697 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 693Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 694Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 695Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 696Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 697Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 698Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 699Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 700Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 701Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 697 / 976 page
background image
Initialization/Application Information
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
619
30.13.2 Baud Rate Settings
Table 30-31 shows the baud rate that is generated based on the combination of the baud rate prescaler PBR
and the baud rate scaler BR in the DSPI_CTAR registers. The values calculated assume a 100 MHz system
frequency and the double baud rate DBR bit is clear.
30.13.3 Delay Settings
Table 30-32 shows the values for the Delay after Transfer (tDT) and CS to SCK Delay (tCSC) that can be
generated based on the prescaler values and the scaler values set in the DSPI_CTAR registers. The values
calculated assume a 100 MHz system frequency.
Table 30-31. Baud Rate Values
Baud Rate Divider Prescaler Values
235
7
2
25.0M
16.7M
10.0M
7.14M
4
12.5M
8.33M
5.00M
3.57M
6
8.33M
5.56M
3.33M
2.38M
8
6.25M
4.17M
2.50M
1.79M
16
3.12M
2.08M
1.25M
893k
32
1.56M
1.04M
625k
446k
64
781k
521k
312k
223k
128
391k
260k
156k
112k
256
195k
130k
78.1k
55.8k
512
97.7k
65.1k
39.1k
27.9k
1024
48.8k
32.6k
19.5k
14.0k
2048
24.4k
16.3k
9.77k
6.98k
4096
12.2k
8.14k
4.88k
3.49k
8192
6.10k
4.07k
2.44k
1.74k
16384
3.05k
2.04k
1.22k
872
32768
1.53k
1.02k
610
436



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com