Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 693 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 693 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 689Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 690Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 691Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 692Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 693Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 694Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 695Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 696Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 697Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 693 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
615
•
Continuous SCK with CONT bit set and entering Stop mode or Module Disable mode.
Figure 30-23 shows timing diagram for Continuous SCK format with Continuous Selection enabled.
Figure 30-23. Continuous SCK Timing Diagram (CONT=1)
30.12.7 Interrupts/DMA Requests
The DSPI has four conditions that can only generate interrupt requests and two conditions that can
generate interrupt or DMA request. Table 30-30 lists the six conditions.
Each condition has a flag bit in the DSPI Status Register (DSPI_SR) and an Request Enable bit in the DSPI
DMA/Interrupt Request Select and Enable Register (DSPI_RSER). The TX FIFO Fill Flag (TFFF) and
RX FIFO Drain Flag (RFDF) generate interrupt requests or DMA requests depending on the TFFF_DIRS
and RFDF_DIRS bits in the DSPI_RSER.
30.12.7.1 End of Queue Interrupt Request
The End of Queue Request indicates that the end of a transmit queue is reached. The End of Queue Request
is generated when the EOQ bit in the executing SPI command is asserted and the EOQF_RE bit in the
DSPI_RSER is asserted.
Table 30-30. Interrupt and DMA Request Conditions
Condition
Flag
Interrupt
DMA
End of Queue (EOQ)
EOQF
X
TX FIFO Fill
TFFF
X
X
Transfer Complete
TCF
X
TX FIFO Underflow
TFUF
X
RX FIFO Drain
RFDF
X
X
RX FIFO Overflow
RFOF
X
SCK
PCS
SCK
Master SOUT
Master SIN
(CPOL = 0)
(CPOL = 1)
transfer 1
transfer 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com