Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 690 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 690 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 686Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 687Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 688Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 689Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 690Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 691Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 692Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 693Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 694Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 690 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
612
Freescale Semiconductor
Figure 30-19. DSPI Modified Transfer Format (MTFE=1, CPHA=1, Fsck = Fsys/4)
30.12.5.5 Continuous Selection Format
Some peripherals must be deselected between every transfer. Other peripherals must remain selected
between several sequential serial transfers. The Continuous Selection Format provides the flexibility to
handle both cases. The Continuous Selection Format is enabled for the SPI Configuration by setting the
CONT bit in the SPI command.
When the CONT bit = 0, the DSPI drives the asserted Chip Select signals to their idle states in between
frames. The idle states of the Chip Select signals are selected by the PCSIS field in the DSPI_MCR.
Figure 30-20 shows the timing diagram for two four-bit transfers with CPHA = 1 and CONT = 0.
tCSC
SCK
System clock
Master
Slave
PCS
Slave
Master
SOUT
SOUT
Sample
Sample
tCSC = PCS to SCK delay
tASC
tASC = After SCK delay
1
2
3
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com