Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 687 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 687 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 683Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 684Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 685Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 686Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 687Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 688Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 689Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 690Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 691Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 687 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
609
Figure 30-16. DSPI Transfer Timing Diagram (MTFE=0, CPHA=0, FMSZ=8)
The master initiates the transfer by placing its first data bit on the SOUT pin and asserting the appropriate
peripheral chip select signals to the slave device. The slave responds by placing its first data bit on its
SOUT pin. After the tCSC delay has elapsed, the master outputs the first edge of SCK. This is the edge used
by the master and slave devices to sample the first input data bit on their serial data input signals. At the
second edge of the SCK the master and slave devices place their second data bit on their serial data output
signals. For the rest of the frame the master and the slave sample their SIN pins on the odd-numbered clock
edges and changes the data on their SOUT pins on the even-numbered clock edges. After the last clock
edge occurs a delay of tASC is inserted before the master negates the PCS signals. A delay of tDT is inserted
before a new frame transfer can be initiated by the master.
30.12.5.2 Classic SPI Transfer Format (CPHA = 1)
This transfer format shown in Figure 30-17 is used to communicate with peripheral SPI slave devices that
require the first SCK edge before the first data bit becomes available on the slave SOUT pin. In this format
the master and slave devices change the data on their SOUT pins on the odd-numbered SCK edges and
sample the data on their SIN pins on the even-numbered SCK edges
tCSC
SCK
Master and Slave
PCSx/SS
SCK
MSB first (LSBFE = 0):
LSB first (LSBFE = 1):
MSB
LSB
LSB
MSB
Bit 5
Bit 2
Bit 6
Bit 1
Bit 4
Bit 3
Bit 3
Bit 4
Bit 2
Bit 5
Bit 1
Bit 6
Master SOUT/
Master SIN/
tDT tCSC
tCSC = PCS to SCK delay
tDT = Delay after Transfer (Minimum CS idle time)
(CPOL = 0)
(CPOL = 1)
tASC
Slave SIN
Slave SOUT
1
2
3
4
5
6
7
8
9
10 11 12 13
14
15 16
Sample
tASC = After SCK delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com