Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 686 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 686 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 682Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 683Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 684Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 685Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 686Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 687Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 688Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 689Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 690Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 686 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
608
Freescale Semiconductor
30.12.5 Transfer Formats
The SPI serial communication is controlled by the Serial Communications Clock (SCK) signal and the
PCS signals. The SCK signal provided by the Master device synchronizes shifting and sampling of the data
on the SIN and SOUT pins. The PCS signals serve as enable signals for the slave devices.
When the DSPI is the bus master, the CPOL and CPHA bits in the DSPI Clock and Transfer Attributes
Registers (DSPI_CTARx) select the polarity and phase of the serial clock, SCK. The polarity bit selects
the idle state of the SCK. The clock phase bit selects if the data on SOUT is valid before or on the first
SCK edge.
When the DSPI is the bus Slave, CPOL and CPHA bits in the DSPI_CTAR0 select the polarity and phase
of the serial clock. Even though the bus Slave does not control the SCK signal, clock polarity, clock phase
and number of bits to transfer must be identical for the master device and the slave device to ensure proper
transmission.
The DSPI supports four different transfer formats:
•
Classic SPI with CPHA=0
•
Classic SPI with CPHA=1
•
Modified Transfer format with CPHA = 0
•
Modified Transfer format with CPHA = 1
A modified transfer format is supported to allow for high-speed communication with peripherals that
require longer setup times. The DSPI can sample the incoming data later than halfway through the cycle
to give the peripheral more setup time. The MTFE bit in the DSPI_MCR selects between Classic SPI
Format and Modified Transfer Format. The Classic SPI Formats are described in Section 30.12.5.1,
“Classic SPI Transfer Format (CPHA = 0),” and Section 30.12.5.2, “Classic SPI Transfer Format (CPHA
= 1).” The Modified Transfer Formats are described in Section 30.12.5.3, “Modified Transfer Format
(MTFE = 1, CPHA = 0),” and Section 30.12.5.4, “Modified SPI Transfer Format (MTFE = 1, CPHA = 1).”
The DSPI provides the option of keeping the PCS signals asserted between frames. See Section 30.12.5.5,
“Continuous Selection Format,” for details.
30.12.5.1 Classic SPI Transfer Format (CPHA = 0)
The transfer format shown in Figure 30-16 is used to communicate with peripheral SPI slave devices
where the first data bit is available on the first clock edge. In this format, the master and slave sample their
SIN pins on the odd-numbered SCK edges and change the data on their SOUT pins on the even-numbered
SCK edges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com