Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 684 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 684 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 680Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 681Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 682Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 683Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 684Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 685Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 686Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 687Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 688Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 684 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
606
Freescale Semiconductor
30.12.4.1 Baud Rate Generator
The Baud Rate is the frequency of the Serial Communication Clock (SCK). The system clock is divided
by a prescaler (PBR) and scaler (BR) to produce SCK with the possibity of halving the scaler division. The
DBR, PBR and BR fields in the DSPI_CTAR registers select the frequency of SCK by the formula in the
BR[3:0] field description. Table 30-24 shows an example of how to compute the baud rate.
30.12.4.2 PCS to SCK Delay (tCSC)
The PCS to SCK delay is the length of time from assertion of the PCS signal to the first SCK edge. See
Figure 30-16 for an illustration of the PCS to SCK delay. The PCSSCK and CSSCK fields in the
DSPI_CTARx registers select the PCS to SCK delay by the formula in the CSSCK[3:0] bit description.
Table 30-25 shows an example of how to compute the PCS to SCK delay.
30.12.4.3 After SCK Delay (tASC)
The After SCK Delay is the length of time between the last edge of SCK and the negation of PCS. See
Figure 30-16 and Figure 30-17 for illustrations of the After SCK delay. The PASC and ASC fields in the
DSPI_CTARx registers select the After SCK Delay by the formula in the ASC[3:0] field description..
Table 30-26 shows an example of how to compute the After SCK delay.
30.12.4.4 Delay after Transfer (tDT)
The Delay after Transfer is the length of time between negation of the PCS signal for a frame and the
assertion of the PCS signal for the next frame. See Figure 30-16 for an illustration of the Delay after
Transfer. The PDT and DT fields in the DSPI_CTARx registers select the Delay after Transfer by the
formula in the DT[3:0] field description. Table 30-27 shows an example of how to compute the Delay after
Transfer.
Table 30-24. Baud Rate Computation Example
PBR
Prescaler
BR
Scaler
DBR
Fsys
Baud Rate
0b00
2
0b0000
2
0
100 MHz
25 Mb/s
0b00
2
0b0000
2
1
20 MHz
10 Mb/s
Table 30-25. PCS to SCK Delay Computation Example
PCSSCK
Prescaler
CSSCK
Scaler
Fsys
PCS to SCK Delay
0b01
3
0b0100
32
100 MHz
0.96 us
Table 30-26. After SCK Delay Computation Example
PASC
Prescaler
ASC
Scaler
Fsys
After SCK Delay
0b01
3
0b0100
32
100 MHz
0.96 us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com