Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 685 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 685 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 681Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 682Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 683Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 684Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 685Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 686Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 687Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 688Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 689Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 685 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
607
30.12.4.5 Peripheral Chip Select Strobe Enable (PCSS)
The PCSS signal provides a delay to allow the PCS signals to settle after transitioning thereby avoiding
glitches. When the DSPI is in Master Mode and PCSSE bit is set in the DSPI_MCR, PCSS provides a
signal for an external demultiplexer to decode the PCS[0] -PCS[4] and PCS[6] -PCS[7] signals into as
many as 128 glitch-free PCS signals. Figure 30-15 shows the timing of the PCSS signal relative to PCS
signals.
Figure 30-15. Peripheral Chip Select Strobe Timing
The delay between the assertion of the PCS signals and the assertion of PCSS is selected by the PCSSCK
field in the DSPI_CTAR based on the following formula:
Eqn. 30-6
At the end of the transfer the delay between PCSS negation and PCS negation is selected by the PASC field
in the DSPI_CTAR based on the following formula:
Eqn. 30-7
Table 30-28 shows an example of how to compute the tpcssck delay.
Table 30-29 shows an example of how to compute the tpasc delay.
The PCSS signal is not supported when Continuous Serial Communication SCK is enabled
(CONT_SCKE=1).
Table 30-27. Delay after Transfer Computation Example
PDT
Prescaler
DT
Scaler
Fsys
Delay after Transfer
0b01
3
0b1110
32768
100 MHz
0.98 ms
Table 30-28. Peripheral Chip Select Strobe Assert Computation Example
PCSSCK
Prescaler
Fsys
Delay before Transfer
0b11
7
100 MHz
70.0 ns
Table 30-29. Peripheral Chip Select Strobe Negate Computation Example
PASC
Prescaler
Fsys
Delay after Transfer
0b11
7
100 MHz
70.0 ns
t
PCSSCK
PCSS
PCSx
t
PASC
t
PCSSCK
1
f
SYS
----------
PCSSCK
×
=
t
PASC
1
f
SYS
----------
PASC
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com