Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 688 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 688 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 684Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 685Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 686Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 687Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 688Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 689Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 690Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 691Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 692Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 688 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
610
Freescale Semiconductor
Figure 30-17. DSPI Transfer Timing Diagram (MTFE=0, CPHA=1, FMSZ=8)
The master initiates the transfer by asserting the PCS signal to the slave. After the tCSC delay has elapsed,
the master generates the first SCK edge and at the same time places valid data on the master SOUT pin.
The slave responds to the first SCK edge by placing its first data bit on its slave SOUT pin.
At the second edge of the SCK the master and slave sample their SIN pins. For the rest of the frame the
master and the slave change the data on their SOUT pins on the odd-numbered clock edges and sample
their SIN pins on the even-numbered clock edges. After the last clock edge occurs a delay of tASC is
inserted before the master negates the PCS signal. A delay of tDT is inserted before a new frame transfer
can be initiated by the master.
30.12.5.3 Modified Transfer Format (MTFE = 1, CPHA = 0)
In this Modified Transfer Format both the Master and the Slave sample later in the SCK period than in
Classic SPI mode to allow for delays in device pads and board traces. These delays become a more
significant fraction of the SCK period as the SCK period decreases with increasing baud rates.
The Master and the Slave places data on the SOUT pins at the assertion of the PCS signal. After the PCS
to SCK delay has elapsed the first SCK edge is generated. The Slave samples the Master SOUT signal on
every odd numbered SCK edge. The Slave also places new data on the Slave SOUT on every odd
numbered clock edge.
tCSC
tDT
SCK
SCK
MSB first (LSBFE = 0):
LSB first (LSBFE = 1):
MSB
LSB
LSB
MSB
Bit 5
Bit 2
Bit 6
Bit 1
Bit 4
Bit 3
Bit 3
Bit 4
Bit 2
Bit 5
Bit 1
Bit 6
tCSC = PCS to SCK delay
tDT = Delay after Transfer (minimum CS negation time)
(CPOL = 0)
(CPOL = 1)
tASC
Master SOUT/
Master SIN/
Slave SIN
Slave SOUT
1
2
3
4
5
6
7
8
9
10 11 12 13 14
15 16
PCSx/SS
Master and Slave
Sample
tASC = After SCK delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com