| Electronic Components Datasheet Search |
|
MAC7200 Datasheet(PDF) 692 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 Datasheet(HTML) 692 Page - Freescale Semiconductor, Inc |
|
692 / 976 page ![]() Functional Description MAC7200 Microcontroller Family Reference Manual, Rev. 2 614 Freescale Semiconductor 30.12.6 Continuous Serial Communications Clock The DSPI provides the option of generating a continuous SCK signal for slave peripherals that require a continuous clock. Continuous SCK is enabled by setting the CONT_SCKE bit in the DSPI_MCR. Continuous SCK is valid in all configurations. Continuous SCK is only supported for CPHA=1. Setting CPHA=0 will be ignored if the CONT_SCKE bit is set. Continuous SCK is supported for Modified Transfer Format. Clock and transfer attributes for the Continuous SCK mode are set according to the following rules: • CTAR0 shall be used initially. At the start of each SPI frame transfer, the CTAR specified by the CTAS for the frame shall be used. • The currently selected CTAR shall remain in use until the start of a frame with a different CTAR specified, or the Continuous SCK mode is terminated. It is recommended that the baud rate is the same for all transfers made while using the Continuous SCK. Switching clock polarity between frames while using Continuous SCK can cause errors in the transfer. Continuous SCK operation is not guaranteed if the DSPI is put into the External Stop Mode or Module Disable Mode. Enabling Continuous SCK disables the PCS to SCK delay and the Delay after Transfer (TDT) is fixed at one TSCK cycle. Figure 30-22 shows timing diagram for Continuous SCK format with Continuous Selection disabled. Figure 30-22. Continuous SCK Timing Diagram (CONT=0) If the CONT bit in the TX FIFO entry is set, PCS remains asserted between the transfers . Under certain conditions, SCK can continue with PCS asserted, but with no data being shifted out of SOUT (SOUT pulled high). This can cause the slave to receive incorrect data. Those conditions include: • Continuous SCK with CONT bit set, but no data in the transmit FIFO. • Continuous SCK with CONT bit set and entering STOPPED state (refer to Section 30.12.2, “Start and Stop of DSPI Transfers”). tDT SCK PCS SCK Master SOUT Master SIN (CPOL = 0) (CPOL = 1) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |