Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 689 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 689 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 685Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 686Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 687Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 688Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 689Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 690Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 691Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 692Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 693Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 689 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
611
The Master places its second data bit on the SOUT line one system clock after odd numbered SCK edge.
The point where the Master samples the Slave SOUT is selected by writing to the SMPL_PT field in the
DSPI_MCR. The SMPL_PT field description in Table 30-8 lists the number of system clock cycles
between the active edge of SCK and the Master Sample point. The Master sample point can be delayed by
one or two system clock cycles.
Figure 30-18 shows the modified transfer format for CPHA = 0. Only the condition where CPOL = 0 is
illustrated. The delayed Master sample points are indicated with a lighter shaded arrow.
Figure 30-18. DSPI Modified Transfer Format (MTFE=1, CPHA=0, Fsck = Fsys/4)
30.12.5.4 Modified SPI Transfer Format (MTFE = 1, CPHA = 1)
Figure 30-19 shows the Modified Transfer Format for CPHA = 1. Only the condition where CPOL = 0 is
described. At the start of a transfer the DSPI asserts the PCS signal to the slave device. After the PCS to
SCK delay has elapsed the master and the slave put data on their SOUT pins at the first edge of SCK. The
Slave samples the Master SOUT signal on the even numbered edges of SCK. The Master samples the
Slave SOUT signal on the odd numbered SCK edges starting with the 3rd SCK edge. The Slave samples
the last bit on the last edge of the SCK. The Master samples the last Slave SOUT bit one half SCK cycle
after the last edge of SCK. No clock edge will be visible on the Master SCK pin during the sampling of
the last bit. The SCK to PCS delay must be greater or equal to half of the SCK period.
tCSC
SCK
System
Master
Slave
PCS
tCSC = PCS to SCK delay
SOUT
Master
SOUT
Sample
Slave
Sample
Sys
1
2
3
4
5
6
Clock
tASC
Clk
Sys
Clk
tASC = After SCK delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com