Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 691 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 691 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 687Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 688Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 689Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 690Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 691Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 692Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 693Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 694Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 695Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 691 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
613
Figure 30-20. Example of Non-Continuous Format (CPHA=1, CONT=0)
When the CONT bit = 1, the PCS signal remains asserted for the duration of the two transfers. The Delay
between Transfers (tDT) is not inserted between the transfers. Figure 30-21 shows the timing diagram for
two four-bit transfers with CPHA = 1 and CONT = 1.
Figure 30-21. Example of Continuous Transfer (CPHA=1, CONT=1)
Switching CTAR registers or changing which PCS signals are asserted between frames while using
Continuous Selection can cause errors in the transfer. The PCS signal should be negated before CTAR is
switched or different PCS signals are selected.
tCSC
tDT tCSC
SCK
PCSx
SCK
Master SOUT
Master SIN
tCSC = PCS to SCK delay
tDT = Delay after Transfer (minimum CS negation time)
(CPOL = 0)
(CPOL = 1)
tASC
tASC = After SCK delay
tCSC
tCSC
SCK
PCS
SCK
Master SOUT
Master SIN
tCSC = PCS to SCK delay
(CPOL = 0)
(CPOL = 1)
tASC
(CPOL = 0)
SCK
tASC = After SCK delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com