Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 694 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 694 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 690Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 691Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 692Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 693Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 694Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 695Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 696Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 697Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 698Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 694 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
616
Freescale Semiconductor
30.12.7.2 Transmit FIFO Fill Interrupt or DMA Request
The Transmit FIFO Fill Request indicates that the TX FIFO is not full. The Transmit FIFO Fill Request is
generated when the number of entries in the TX FIFO is less than the maximum number of possible entries,
and the TFFF_RE bit in the DSPI_RSER is asserted. The TFFF_DIRS bit in the DSPI_RSER selects
whether a DMA request or an interrupt request is generated.
30.12.7.3 Transfer Complete Interrupt Request
The Transfer Complete Request indicates the end of the transfer of a serial frame. The Transfer Complete
Request is generated at the end of each frame transfer when the TCF_RE bit is set in the DSPI_RSER.
30.12.7.4 Transmit FIFO Underflow Interrupt Request
The Transmit FIFO Underflow Request indicates that an underflow condition in the TX FIFO has
occurred. The transmit underflow condition is detected only for DSPI blocks operating in slave mode and
SPI configuration. The TFUF bit is set when the TX FIFO of a DSPI operating in slave mode and SPI
configuration is empty, and a transfer is initiated from an external SPI master. If the TFUF bit is set while
the TFUF_RE bit in the DSPI_RSER is asserted, an interrupt request is generated.
30.12.7.5 Receive FIFO Drain Interrupt or DMA Request
The Receive FIFO Drain Request indicates that the RX FIFO is not empty. The Receive FIFO Drain
Request is generated when the number of entries in the RX FIFO is not zero, and the RFDF_RE bit in the
DSPI_RSER is asserted. The RFDF_DIRS bit in the DSPI_RSER selects whether a DMA request or an
interrupt request is generated.
30.12.7.6 Receive FIFO Overflow Interrupt Request
The Receive FIFO Overflow Request indicates that an overflow condition in the RX FIFO has occurred.
A Receive FIFO Overflow request is generated when RX FIFO and shift register are full and a transfer is
initiated. The RFOF_RE bit in the DSPI_RSER must be set for the interrupt request to be generated.
Depending on the state of the ROOE bit in the DSPI_MCR, the data from the transfer that generated the
overflow is either ignored or shifted in to the shift register. If the ROOE bit is set, the incoming data is
shifted in to the shift register. If the ROOE bit is negated, the incoming data is ignored.
30.12.8 Power Saving Features
The DSPI supports three power-saving strategies:
•
External Stop Mode
•
Module Disable Mode - Clock gating of non-memory mapped logic
•
Clock gating and clock to memory-mapped logic
The External Stop Mode requires a block external to the DSPI to implement the SoC power management
and clock gating control. All power saving features require logic external to the DSPI. Figure 30-24 shows
an example on how the DSPI power saving features can be used in an SoC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com