Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 680 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 680 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 676Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 677Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 678Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 679Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 680Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 681Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 682Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 683Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 684Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 680 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
602
Freescale Semiconductor
30.12.2 Start and Stop of DSPI Transfers
The DSPI has two operating states; STOPPED and RUNNING. The states are independent of DSPI
configuration. The default state of the DSPI is STOPPED. In the STOPPED state no serial transfers are
initiated in Master Mode and no transfers are responded to in Slave Mode. The STOPPED state is also a
safe state for writing the various configuration registers of the DSPI without causing undetermined results.
The TXRXS bit in the DSPI_SR is negated in this state. In the RUNNING state serial transfers take place.
The TXRXS bit in the DSPI_SR is asserted in the RUNNING state. Figure 30-13 shows a state diagram
of the start and stop mechanism. The transitions are described in Table 30-23.
Figure 30-13. DSPI Start and Stop State Diagram
State transitions from RUNNING to STOPPED occur on the next frame boundary if a transfer is in
progress, or on the next system clock cycle if no transfers are in progress.
30.12.3 Serial Peripheral Interface (SPI) Configuration
The SPI Configuration transfers data serially using a shift register and a selection of programmable
transfer attributes. The DSPI is in SPI Configuration when the DCONF field in the DSPI_MCR is 0b00.
The SPI frames can be from four to sixteen bits long. The data to be transmitted can come from queues
stored in RAM external to the DSPI. Host software or a DMA Controller can transfer the SPI data from
the queues to a First-In First-Out (FIFO) buffer. The received data is stored in entries in the Receive FIFO
Table 30-23. State Transitions for Start and Stop of DSPI Transfers
Transition #
Current State
Next State
Description
0
RESET
STOPPED
Generic power-on-reset transition
1
STOPPED
RUNNING
The DSPI is started (DSPI transitions to RUNNING) when all of the
following conditions are true:
• EOQF bit is clear
• Debug mode is unselected or the FRZ bit is clear
• HALT bit is clear
2
RUNNING
STOPPED
The DSPI stops (transitions from RUNNING to STOPPED) after the
current frame for any one of the following conditions:
• EOQF bit is set
• Debug mode is selected and the FRZ bit is set
• HALT bit is set
RESET
STOPPED
RUNNING
Power on
TXRXS=0
TXRXS=1
reset
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com