Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 679 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 679 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 675Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 676Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 677Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 678Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 679Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 680Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 681Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 682Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 683Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 679 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
601
30.12.1.1 Master Mode
In Master Mode the DSPI can initiate communications with peripheral devices. The DSPI operates as bus
master when the MSTR bit in the DSPI_MCR is set. The Serial Communications Clock (SCK) is
controlled by the Master DSPI.
Master Mode transfer attributes are controlled by the SPI command in the current TX FIFO entry. The
CTAS field in the SPI command selects which of the eight DSPI_CTAR registers will be used to set the
transfer attributes. Transfer attribute control is on a frame by frame basis. See Section 30.12.3, “Serial
Peripheral Interface (SPI) Configuration,” for more details.
30.12.1.2 Slave Mode
In Slave Mode the DSPI responds to transfers initiated by an SPI master. The DSPI operates as bus slave
when the MSTR bit in the DSPI_MCR register is negated. The DSPI slave is selected by a bus master by
having the slave’s SS asserted.. In Slave Mode the SCK is provided by the bus master. All transfer
attributes are controlled by the bus master but clock polarity, clock phase and numbers of bits to transfer
must still be configured in the DSPI slave for proper communications.
In SPI Slave Mode the slave transfer attributes are set in the DSPI_CTAR0. The DSPI in Slave Mode
transfers data MSB first. The LSBFE field of the associated CTAR is ignored.
30.12.1.3 Module Disable Mode
The Module Disable Mode is used for MCU power management. The clock to the non-memory mapped
logic in the DSPI can be stopped while in Module Disable Mode.The DSPI enters the Module Disable
Mode when the MDIS bit in DSPI_MCR is set or when a request for the DSPI to enter Doze Mode is
asserted by an external controller while the DOZE bit in the DSPI_MCR is asserted. Logic external to the
DSPI is needed to implement the Module Disable Mode. See Section 30.12.8, “Power Saving Features,”
for more details on the Module Disable Mode.
30.12.1.4 External Stop Mode
The DSPI will not acknowledge the request to enter External Stop Mode until it has reached a frame
boundary. When the DSPI has reached a frame boundary it will halt all operations and indicate that it is
ready to have its clocks shut off. The DSPI exits External Stop Mode and resumes normal operation once
the clocks are turned on. Serial communications or register accesses made while in External Stop Mode
are ignored even if the clocks have not been shut off yet. See Section 30.12.8, “Power Saving Features,”
for more details on the External Stop Mode.
30.12.1.5 Debug Mode
The Debug Mode is used for system development and debugging. If the SoC enters Debug Mode while
the FRZ bit in the DSPI_MCR is set, the DSPI stops all serial transfers and enters a stopped state. If the
SoC enters Debug Mode while the FRZ bit is negated, the DSPI behavior is unaffected and remains
dictated by the block-specific mode and configuration of the DSPI. The DSPI enters Debug Mode when a
debug request is asserted by an external controller. See Figure 30-13 for a state diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com