Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 675 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 675 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 671Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 672Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 673Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 674Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 675Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 676Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 677Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 678Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 679Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 675 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
597
30.11.2.7 DSPI POP RX FIFO Register (DSPI_POPR)
The DSPI_POPR provides a means to read the RX FIFO. See Section 30.12.3.5, “Receive First In First
Out (RX FIFO) Buffering Mechanism,” for a description of the RX FIFO operations. Eight or sixteen bit
read accesses to the DSPI_POPR will read from the RX FIFO and update the counter and pointer.
Table 30-19. DSPI_PUSHR Field Descriptions
Field
Descriptions
31
CONT
Continuous Peripheral Chip Select Enable. The CONT bit selects a Continuous Selection Format. The bit
is used in SPI Master Mode. The bit enables the selected PCS signals to remain asserted between
transfers. See Section 30.12.5.5, “Continuous Selection Format,” for more information.
0 Return Peripheral Chip Select signals to their inactive state between transfers
1 Keep Peripheral Chip Select signals asserted between transfers
30–28
CTAS[2:0]
Clock and Transfer Attributes Select. The CTAS field selects which of the DSPI_CTAR register is used to
set the transfer attributes for the associated SPI frame. The field is only used in SPI Master Mode. In SPI
Slave Mode DSPI_CTAR0 is used. The table below shows how the CTAS values map to the DSPI_CTAR
registers. The number of DSPI_CTAR registers is implementation specific.
27
EOQ
End Of Queue. The EOQ bit provides a means for host software to signal to the DSPI that the current SPI
transfer is the last in a queue. At the end of the transfer the EOQF bit in the DSPI_SR is set.
0 The SPI data is not the last data to transfer
1 The SPI data is the last data to transfer
26
CTCNT
Clear SPI_TCNT. The CTCNT provides a means for host software to clear the SPI transfer counter. The
CTCNT bit clears the SPI_TCNT field in the DSPI_TCR register. The SPI_TCNT field is cleared before
transmission of the current SPI frame begins.
0 Do not clear SPI_TCNT field in the DSPI_TCR
1 Clear SPI_TCNT field in the DSPI_TCR
23–16
PCSx
Peripheral Chip Select 0–7. The PCS bits select which PCS signals will be asserted for the transfer.
0 Negate the PCS[x] signal
1 Assert the PCS[x] signal
15–0
TXDATA[15:0]
Transmit Data. The TXDATA field holds SPI data to be transferred according to the associated SPI
command.
CTAS
Use Clock and Transfer
Attributes from
CTAS
Use Clock and Transfer
Attributes from
000
DSPI_CTAR0
100
DSPI_CTAR4
001
DSPI_CTAR1
101
DSPI_CTAR5
010
DSPI_CTAR2
110
DSPI_CTAR6
011
DSPI_CTAR3
111
DSPI_CTAR7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com