Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 674 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 674 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 670Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 671Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 672Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 673Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 674Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 675Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 676Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 677Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 678Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 674 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
596
Freescale Semiconductor
30.11.2.6 DSPI PUSH TX FIFO Register (DSPI_PUSHR)
The DSPI_PUSHR provides a means to write to the TX FIFO. Data written to this register is transferred
to the TX FIFO. See Section 30.12.3.4, “Transmit First In First Out (TX FIFO) Buffering Mechanism,”
for more information. Eight or sixteen bit write accesses to the DSPI_PUSHR will transfer 32 bits to the
TX FIFO.
19
RFOF_RE
Receive FIFO Overflow Request Enable. The RFOF_RE bit enables the RFOF flag in the DSPI_SR to
generate an interrupt requests.
0 RFOF interrupt requests are disabled
1 RFOF interrupt requests are enabled
18
Reserved, should be cleared.
17
RFDF_RE
Receive FIFO Drain Request Enable. The RFDF_RE bit enables the RFDF flag in the DSPI_SR to
generate a request. The RFDF_DIRS bit selects between generating an interrupt request or a DMA
request.
0 RFDF interrupt requests or DMA requests are disabled
1 RFDF interrupt requests or DMA requests are enabled
16
RFDF_DIRS
Receive FIFO Drain DMA or Interrupt Request Select. The RFDF_DIRS bit selects between generating
a DMA request or an interrupt request. When the RFDF flag bit in the DSPI_SR is set, and the RFDF_RE
bit in the DSPI_RSER register is set, the RFDF_DIRS bit selects between generating an interrupt request
or a DMA request.
0 Interrupt request will be generated
1 DMA request will be generated
Address: DSPI_BASE + 0x34
Access:
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
CONT
CTAS
EOQ CTCNT
00
PCS7 PCS6 PCS5 PCS4 PCS3 PCS2 PCS1 PCS0
W
Reset
0
0
0
0
0
0
0
0
0
0
000
0
0
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R
TXDATA
W
Reset
0
0
0
0
0
0
0
0
0
0
000
0
0
0
Figure 30-8. DSPI PUSH TX FIFO Register (DSPI_PUSHR)
Table 30-18. DSPI_RSER Field Descriptions (Continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com