Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 676 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 676 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 672Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 673Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 674Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 675Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 676Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 677Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 678Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 679Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 680Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 676 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
598
Freescale Semiconductor
30.11.2.8 DSPI Transmit FIFO Registers 0–3 (DSPI_TXFR0–DSPI_TXFR3)
The DSPI_TXFR0 - DSPI_TXFR3 registers provide visibility into the TX FIFO for debugging purposes.
Each register is an entry in the TX FIFO. The registers are read-only and cannot be modified. Reading the
DSPI_TXFRx registers does not alter the state of the TX FIFO.
Address: DSPI_BASE + 0x38
Access:
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
0
0
0
0
000000000
0
0
0
W
Reset
0
0
0
0
000000000
0
0
0
15
14
13
12
11
10
9876543
2
1
0
RRXDATA
W
Reset
0
0
0
0
000000000
0
0
0
Figure 30-9. DSPI POP RX FIFO Register (DSPI_POPR)
Table 30-20. DSPI_POPR Field Descriptions
Field
Description
31–16
Reserved, should be cleared.
15–0
RXDATA[15:0]
Received Data. The RXDATA field contains the SPI data from the RX FIFO entry pointed to by the Pop
Next Data Pointer.
Address: DSPI_BASE+0x3C–DSPI_BASE+0x48
Access:
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RTXCMD
W
Reset
0
0
0
0
000000000
0
0
0
15
14
13
12
11
10
9876543
2
1
0
RTXDATA
W
Reset
0
0
0
0
000000000
0
0
0
Figure 30-10. DSPI Transmit FIFO Register 0–3 (DSPI_TXFR0–DSPI_TXFR3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com