Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 677 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 677 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 673Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 674Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 675Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 676Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 677Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 678Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 679Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 680Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 681Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 677 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
599
30.11.2.9 DSPI Receive FIFO Registers 0–3 (DSPI_RXFR0–DSPI_RXFR3)
The DSPI_RXFR0 - DSPI_RXFR3 registers provide visibility into the RX FIFO for debugging purposes.
Each register is an entry in the RX FIFO. The DSPI_RXFR registers are read-only. Reading the
DSPI_RXFRx registers does not alter the state of the RX FIFO.
30.12 Functional Description
The Deserial Serial Peripheral Interface (DSPI) block supports full-duplex, synchronous serial
communications between MCUs and peripheral devices.
The DSPI_CTAR0 - DSPI_CTAR7 registers hold clock and transfer attributes. The SPI configuration can
select which CTAR to use on a frame by frame basis by setting a field in the SPI command. See
Section 30.11.2.3, “DSPI Clock and Transfer Attributes Registers 0–7 (DSPI_CTAR0–DSPI_CTAR7),”
for information on the fields of the DSPI_CTAR registers.
Table 30-21. DSPI_TXFRn Field Descriptions
Field
Description
31–16
TXCMD[15:0]
Transmit Command. The TXCMD field contains the command that sets the transfer attributes for the SPI
data. See Section 30.11.2.6, “DSPI PUSH TX FIFO Register (DSPI_PUSHR),” for details on the
command field.
15–0
TXDATA[15:0]
Transmit Data. The TXDATA field contains the SPI data to be shifted out.
Address: DSPI_BASE + 0x4C–DSPI_BASE + 0x58
Access:
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
000000000000000
0
W
Reset
000000000000000
0
15
14
13
12
11
10
9876543210
R
RXDATA
W
Reset
000000000000000
0
Figure 30-11. DSPI Receive FIFO Registers 0–3 (DSPI_RXFR0–DSPI_RXFR3
Table 30-22. DSPI_RXFRn Field Descriptions
Field
Description
31–16
Reserved, should be cleared.
15–0
RXDATA[15:0]
Receive Data. The RXDATA field contains the received SPI data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com